Part Number Hot Search : 
MT8815 GP2021 2SK19 CAV93C86 VHC132 MICS06 NJU3401 7805A
Product Description
Full Text Search
 

To Download SW-206-PIN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SW-205-PIN / SW-206-PIN
Matched GaAs SPDT Switch, 5 - 3000 MHz
Features
* * * * * * High Isolation: 50 dB Typical Fast Switching Speed Low DC Power Consumption Integral TTL (SW-205) or CMOS (SW-206) Driver 50 Ohm Nominal Impedance MIL-STD-883 Screening Available Rev. V3
DI-1
Truth Table
TTL Control Input "1" = Logic High TTL (SW-205)/ CMOS (SW-206)
0
Condition of Switch RF Common to Each RF Port RF1
On Off
Ordering Information
Part Number
SW-205-PIN SW-206-PIN
RF2
Off On
Package
DI-1 DI-1 1
Note: Reference Application Note M513 for reel size information. Note: Die quantity varies.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
SW-205-PIN / SW-206-PIN
Matched GaAs SPDT Switch, 5 - 3000 MHz
Electrical Specifications: TA = -55C to +85C 1
Parameter
Insertion Loss
Rev. V3
Test Conditions
--
Frequency
5 - 3000 MHz 5 - 2000 MHz 5 - 1000 MHz 5 - 3000 MHz 5 - 2000 MHz 5 - 1000 MHz 5 - 3000 MHz 5 - 2000 MHz 5 - 1000 MHz 0.5 - 4 GHz 0.05 GHz 0.5 - 4 GHz 0.05 GHz
Units
dB dB dB Ratio Ratio Ratio dB dB dB dBm dBm dBm dBm
Min
-- -- -- -- -- -- 35 40 45 -- -- -- --
Typ
-- -- -- -- -- -- -- -- -- +68 +62 +46 +40
Max
2.6 2.1 1.6 2.5:1 2.0:1 1.5:1 -- -- -- -- -- -- --
VSWR
--
Isolation
--
IP2
For two tone input power up to +13 dBm
IP3
For two tone input power up to +13 dBm
1. All specifications apply when operated with bias voltages of +5 VDC (SW-205) or +8 VDC (SW-206) and 50 ohm impedance at all RF ports.
SW-205
Parameter
Trise, Tfall Ton, Toff Transients
Test Conditions
Frequency
-- -- --
Units
nS nS mV
Min
-- -- --
Typ
7 20 70
Max
-- -- --
50% CTL to 90/10% RF In-band
1 dB Compression
Input Power
0.5 - 4 GHz 0.05 GHz --
dBm dBm mA
-- -- --
+27 +21 --
-- -- 1
Bias Power
+5 VDC
SW-206
Parameter Test Conditions Frequency Units Min Typ Max
Trise, Tfall Ton, Toff Transients 1 dB Compression
50% CTL to 90/10% RF In-band Input Power
-- -- -- 0.5 - 4 GHz 0.05 GHz
nS nS mV dBm dBm
-- -- -- -- --
20 40 35 +33 +26
-- -- -- -- --
Bias Power
+5 to +8 VDC @ 0.150 to 0.400 mA Typical
--
mA
--
--
1
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
SW-205-PIN / SW-206-PIN
Matched GaAs SPDT Switch, 5 - 3000 MHz
Typical Performance Curves Insertion Loss Isolation
+ 8 5 C 3.0
80
Rev. V3
+ 2 5 C
- 55 C
Loss (dB)
2.0
1.0
Isolation (dB)
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
70
60
50
0.0
F re que nc y ( M H z)
40 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
F re que nc y ( M H z)
VSWR
1.6
1.4
Schematic
50
VSWR
1.2
+VDC
RF2 GND GND GND GND
50
1.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
NC GND RF Common GND GND Control Input
F re que nc y ( M H z)
GND RF1
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of SW-206-PIN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X